brilliance by design 2-5 tm material body brass sae no. 72 nickel plate per qq-n-290 lens lexan lp-393 hardware brass sae 72 spring steel per mil-w-6986 nickel plate per qq-n-290 terminals 26 awg stranded cu. lexan transparent rtp - red btp - blue gtp - green atp - amber ctp - clear lens color lens styles f- flat led color note: * for voltage/current specs, see page a-1. model 205 this series incorporates a t-1 size led in an all metal threaded body. lamp supplied with flat lexan transparent lens the same color as the led and 6" wire leads. built-in resistors allow these units to be powered from sources up to 28vdc . suggested mounting diameter 1/4 27/64 (.42 ) suggested min. ctr to ctr spacing 205 features ? led ? fluted lens for maximum light distribution panel mount fixed lamp led how to order voltage 2vdc* 5vdc 12vdc 24vdc 28vdc *external resistor required supplied with 6" wire leads model no. 205-2x 205-5x 205-12x 205-24x 205-28x where the 'x' appears insert: 1-red 2-green 3-yellow 4-amber 5-ultra green 6-ultra blue 7-pure white translucent contact factory red green yellow amber ultra green ultra blue pure white
brilli ance by design a-1 appendix a tm volts current in milliamps 5 vdc 10, 15, 20, 25 (ma) 12 vdc 10, 20 (ma) 24 vdc 10, 20 (ma) 28 vdc 10, 20 (ma) actual size type w idth height 2 pt .050 .060 6 pt .060 .080 8 pt .080 .110 10 pt .090 .120 12 pt .110 .160 the chart below designates type sizes available for hot stamping. size of lens determines size of type that can be used. note: for other size type, contact factory. a1b 105-125 .03 1/25 25,000 220k a1c 105-125 1.2 1/7 25,000 47k a9a (ne-2e) 105-125 0.7 1/12 25,000 100k c2a (ne-2h) 105-125 1.9 1/4 25,000 30k lamp with resistor amps nominal watts nominal life resistor note: a1c and ne-2h are high brightness. other lamps available. life figures for a.c. - life at d.c. 1/2 a.c. (approx.). 862 series cannot be supplied with resistor. important: the lamps shown represent the most popular types normally requested. many other lamps are available - please contact factory. volts a.c. or d.c. (used in 502, 857, 858, 859 and 862 models) led voltage & current options neon lamp electrical specifications hot stamping information
|